PART |
Description |
Maker |
100351QC 100351 100351SC 100351PC 100351QI 100351Q |
From old datasheet system Low Power Hex D-Type Flip-Flop Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
M54HC175 M54HC17504 M54HC175D1 M54HC175K M54HC175K |
RAD-HARD QUAD D-TYPE FLIP FLOP WITH CLEAR
|
STMicroelectronics
|
M54HC74 M54HC74D1 M54HC74D |
RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
|
ST Microelectronics STMicroelectronics
|
5962F9863401V9A 5962F9863401VCC 5962F9863401VXC AC |
Radiation Hardened Hex D-Type Flip-Flop with Reset 辐射硬化六角D类触发器触发器的复位 RES 46.4K OHM MTL FILM .60W 1% T AC SERIES, HEX POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CDFP16 Radiation Hardened Hex D-Type Flip-Flop with Reset AC SERIES, HEX POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CDIP16
|
Intersil, Corp. Intersil Corporation
|
M54HC11204 M54HC112 M54HC112K1 M54HC112D M54HC112D |
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
|
STMicroelectronics
|
HD14174B HD14174BP |
4000/14000/40000 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDIP16 Hex D-type Flip Flop
|
HITACHI[Hitachi Semiconductor]
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HCC40174B HCC40174BF HCF4017 HCF40174B HCF40174BC1 |
HEX ????. TYPE FLIP.FLOP HEX D . TYPE FLIP.FLOP HEX ”D” ? TYPE FLIP?FLOP HEX ”D” . TYPE FLIP.FLOP HEX ”D . TYPE FLIP.FLOP HEX ”D?/a> . TYPE FLIP.FLOP
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74LVQ17401 74LVQ174SJ 74LVQ174 74LVQ174SC 74LVQ174 |
Low Voltage Hex D Flip-Flop with Master Reset Low Voltage Hex D-Type Flip-Flop with Master Reset From old datasheet system
|
STMicroelectronics FAIRCHILD[Fairchild Semiconductor]
|
4174B |
CMOS HEX TYPE D FLIP-FLOP
|
R & E International, In... RANDE[R & E International, Inc.]
|